Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download NRWS470M25V10X125F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING, FROM NRWA WIDE TEMPERATURE RANGE
EXTENDED TEMPERATURE
(today's standard)
NRWS Series
NRWA
(reduced sizes)
NRWS
includes all homogeneous materials *See Part Number System for Details 6.3 ~ 100VDC 0.1 ~ 15,000F -55C ~ +105C 20% (M) 0.03CV or 4A whichever is greater 0.01CV or 3A whichever is greater 10 16 25 35 50 63 13 20 32 44 63 79 0.24 0.20 0.16 0.14 0.12 0.10 0.26 0.22 0.18 0.16 0.14 0.28 0.24 0.20 0.18 0.16 0.30 0.26 0.22 0.20 0.32 0.28 0.24 0.34 0.30 0.52 4 3 2 2 2 2 10 8 5 4 4 4 Within 20% of initial measured value Less than 200% of specified value Less than specified value Within 20% of initial measured value Less than 200% of specified value Less than specified value
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current @ +20c After 1 min. After 2 min. W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 2,200F C = 3,300F C = 4,700F C = 6,800F C = 10,000F C = 15,000F Z-25C/Z+20C Z-40C/Z+20C Capacitance Tan LC Capacitance Tan LC
Max. Tan at 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at +105C & Rated W.V 2,000 Hours: 16V ~ 100V D> 10 1,000 Hours: All others Shelf Life Test +105C 1,000 Hours No Load
6.3 8 0.28 0.30 0.32 0.34 0.36 0.38 0.56 5 12
100 125 0.08 2 4
Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here. *1. Add 0.5 every 1000F for more than 1000F *2. Add 1.0 every 1000F for more than 1000F
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105C)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 6,800 10,000 15,000 (R) 6.3 160 240 250 450 760 900 1100 1420 1700 2100 10 150 240 250 370 560 900 1100 1420 1700 1950 2400 Working Voltage (Vdc) 16 25 35 50 63 100 10 10 10 20 15 30 30 40 42 50 58 80 64 90 90 110 140 235 120 120 200 300 150 140 180 240 330 150 240 180 310 300 450 240 3780 360 500 520 700 370 400 580 650 765 950 450 560 650 800 960 1100 760 900 900 1100 1100 1100 1320 1400 1650 1320 1600 1800 2000 1600 1900 2000 1900 2200 2300 -
MAXIMUM IMPENDANCE ( AT 100KHz AND 20OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 6,800 10,000 15,000 6.3 1.40 0.58 0.55 0.26 0.12 0.10 0.072 0.054 0.043 0.032 10 1.40 0.58 0.55 0.39 0.16 0.10 0.074 0.054 0.043 0.035 0.028 Working Voltage (Vdc) 16 25 35 50 30 20 15 10 7.0 5.5 4.0 2.80 2.30 2.20 2.10 2.10 1.40 2.10 1.10 1.40 0.60 1.10 310 0.55 0.39 0.46 0.30 0.35 0.34 0.26 0.20 0.28 0.17 0.18 0.13 0.13 0.10 0.11 0.10 0.075 0.062 0.056 0.055 0.054 0.043 0.038 0.035 0.043 0.035 0.035 0.035 0.028 0.028 63 15 10.5 8.3 6.0 4.20 2.80 2.40 1.40 1.30 300 0.22 0.17 0.14 0.065 100 0.83 0.60 0.39 450 0.15 0.09 0.085 -
72
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 6,800 10,000 15,000 Code R10 R22 R33 R47 1R0 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 6.3 5x11 6.3x11 6.3x11 8x11.5 10x16 10x20 12.5x20 12.5x25 16x25 16x36 10 5x11 6.3x11 6.3x11 6.3x11 10x12.5 10x20 12.5x20 12.5x25 16x25 16x31 18x36 16 5x11 6.3x11 8x11.5 8x11.5 10x16 12.5x20 12.5x25 16x25 16x31 18x36 Working Voltage (Vdc) 25 35 5x11 5x11 5x11 6.3x11 6.3x11 8x11.5 8x11.5 8x11.5 10x12.5 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 16x25 16x35 16x31 18x36 18x36 50 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 8x11.5 10x12.5 10x16 10x20 12.5x25 16x31 18x36 63 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 6.3x11 8x12.5 10x16 10x20 12.5x20 16x25 100 8x11.5 8x12.5 10x12.5 10x20 12.5x25 16x25 16x31 -
NRWS Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) (D Lead Dia. (D) (D Lead Spacing (F) Dim. 5 0.5 2.0 0.5 6.3 8 10 12.5 0.5 0.6 0.6 0.6 2.5 3.5 5.0 5.0 0.5 0.5 0.5 0.5
Polarity Marking
Insulation Sleeve
d 0.05
16 18 0.8 0.8 7.5 7.5 0.5 0.5
L + max. 15mm Min. 4mm Min. D
F 0.5
= L < 20mm = 1.5mm, L > 20mm = 2.0mm PART NUMBER SYSTEM NRWS 101 M 35V 6.3X11 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
Series
RIPPLE CURRENT CORRECTION FACTORS
Cap. (F) ~ 47 > 47 ~ 220 > 220 ~ 1,000 > 1,000 Frequency (Hz) 100 1K 10K ~ 0.50 0.80 1.0 0.55 0.85 1.0 0.65 0.90 1.0 0.75 0.90 1.0
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
73


▲Up To Search▲   

 
Price & Availability of NRWS470M25V10X125F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X